Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 158Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 159Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 160Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 161Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 162Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 163Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 164Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 165Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 241 page
background image
In all the timing tables, the Tfmc_ker_ck is the fmc_ker_ck clock period, with the following FMC_CLK maximum
values:
•
For 3.0 V < VDD < 3.6 V, FMC_CLK = 70 MHz at 20 pF (66 MHz when using FMC_NWAIT)
•
For 1.71 V < VDD < 1.89 V, FMC_CLK = 70 MHz at 20 pF (66 MHz when using FMC_NWAIT)
Table 76. Synchronous non-multiplexed NOR/PSRAM read timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(CLK)
FMC_CLK period
R × Tfmc_ker_ck - 0.5(1)
-
-
ns
t(CLKL‑NExL)
FMC_CLK low to FMC_NEx low
(x = 0..2)
-
-
2.5
td(CLKH‑NExH)
FMC_CLK high to FMC_NEx high
(x = 0..2)
R × Tfmc_ker_ck / 2 + 1.5(1)
-
-
td(CLKL‑NADVL) FMC_CLK low to FMC_NADV low
-
-
2.5
td(CLKL‑NADVH) FMC_CLK low to FMC_NADV high
0.5
-
-
td(CLKL‑AV)
FMC_CLK low to FMC_Ax valid
(x = 0..25)
-
-
0
td(CLKH‑AIV)
FMC_CLK high to FMC_Ax invalid
(x = 0..25)
R × Tfmc_ker_ck / 2 + 0.5(1)
-
-
td(CLKL‑NOEL)
FMC_CLK low to FMC_NOE low
-
-
0
td(CLKH‑NOEH) FMC_CLK high to FMC_NOE high
R × Tfmc_ker_ck / 2 + 1(1)
-
-
tsu(DV‑CLKH)
FMC_D[15:0] valid data before
FMC_CLK high
3.5
-
-
th(CLKH‑DV)
FMC_D[15:0] valid data after
FMC_CLK high
2
-
-
t(NWAIT‑CLKH)
FMC_NWAIT valid before FMC_CLK
high
4
-
-
th(CLKH‑NWAIT)
FMC_NWAIT valid after FMC_CLK
high
1
-
-
td(NExL-NWAITV)
FMC_NEx low to FMC_NWAIT valid
(x = 0..2)
-
-
((DATLAT + 2.5) × tw(CLK)) - 9
1. Clock ratio R = (FMC_CLK period / fmc_ker_ck period).
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 162/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com