Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 152Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 153Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 154Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 155Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 156Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 157Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 158Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 159Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 241 page
background image
6.3.19
FMC characteristics
Unless otherwise specified, the parameters given in Table 68 to Table 81. NAND flash write timings for the FMC
interface are derived from tests performed under the ambient temperature and VDD supply voltage conditions
summarized in Table 17. General operating conditions , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 × VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output characteristics.
6.3.19.1
Asynchronous waveforms and timings
Figure 22 through Figure 25 represent asynchronous waveforms and Table 68 through Table 75 provide the
corresponding timings. The results shown in these tables are obtained with the following FMC configuration:
•
AddressSetupTime = 0x1
•
AddressHoldTime = 0x1
•
DataSetupTime = 0x1 (except for asynchronous NWAIT mode, DataSetupTime = 0x5)
•
DataHoldTime = 0x1 (1 × Tfmc_ker_ck for read operations and 2 × Tfmc_ker_ck for write operations)
•
ByteLaneSetup = 0x1
•
BusTurnAroundDuration = 0x0
•
Capacitive load CL = 30 pF
In all the timing tables, the Tfmc_ker_ck is the fmc_ker_ck clock period.
Table 68. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NE)
FMC_NE low time
3Tfmc_ker_ck - 1
-
3Tfmc_ker_ck + 0.5
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
0
-
1
tw(NOE)
FMC_NOE low time
2Tfmc_ker_ck - 1
-
2Tfmc_ker_ck + 1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
Tfmc_ker_ck - 0.5
-
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
-
1
th(A_NOE)
Address hold time after FMC_NOE high
Address held until next read operation
tsu(Data_NE)
Data to FMC_NEx high setup time
2Tfmc_ker_ck + 14
-
-
tsu(Data_NOE)
Data to FMC_NOEx high setup time
15
-
-
th(Data_NOE)
Data hold time after FMC_NOE high
0
-
-
th(Data_NE)
Data hold time after FMC_NEx high
0
-
-
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
-
-
0.5
tw(NADV)
FMC_NADV low time
-
-
Tfmc_ker_ck + 0.5
Table 69. Asynchronous non-multiplexed SRAM/PSRAM/NOR read - NWAIT timings
Evaluated by characterization, not tested in production unless otherwise specified.
NWAIT pulse width is equal to 1 clock cycle.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NE)
FMC_NE low time
8Tfmc_ker_ck - 0.5
-
8Tfmc_ker_ck + 0.5
ns
tw(NOE)
FMC_NWE low time
7Tfmc_ker_ck - 0.5
-
7Tfmc_ker_ck + 0.5
tw(NWAIT)
FMC_NWAIT low time
Tfmc_ker_ck
-
-
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5Tfmc_ker_ck + 15
-
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 156/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com