Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 195Page - STMicroelectronics STM32MP253C Datasheet HTML 196Page - STMicroelectronics STM32MP253C Datasheet HTML 197Page - STMicroelectronics STM32MP253C Datasheet HTML 198Page - STMicroelectronics STM32MP253C Datasheet HTML 199Page - STMicroelectronics STM32MP253C Datasheet HTML 200Page - STMicroelectronics STM32MP253C Datasheet HTML 201Page - STMicroelectronics STM32MP253C Datasheet HTML 202Page - STMicroelectronics STM32MP253C Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMD, D inputs (referenced to CK)
tISU
Input setup time HS
-
2
-
-
ns
tIH
Input hold time HS
-
2
-
-
tIDW(1)
Input valid window (variable window)
-
2.5
-
-
CMD, D outputs (referenced to CK)
tOV
Output valid time HS
-
-
7.5
8
ns
tOH
Output hold time HS
-
4.5
-
-
1. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Figure 55. SD high-speed mode
CK
D, CMD output
D, CMD input
tOV
tOH
tISU
tIH
tC(CK)
tW(CKH)
tW(CKL)
Figure 56. SD default mode
CK
D, CMD output
tOV
tOH
Figure 57. SDMMC DDR mode
CK
D output
tOV
tOH
tISU
tIH
D input
tOV
tOH
Valid data
tISU
tIH
Valid data
Valid data
Valid data
tW(CKH)
tW(CKL)
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 199/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com