Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 155Page - STMicroelectronics STM32MP253C Datasheet HTML 156Page - STMicroelectronics STM32MP253C Datasheet HTML 157Page - STMicroelectronics STM32MP253C Datasheet HTML 158Page - STMicroelectronics STM32MP253C Datasheet HTML 159Page - STMicroelectronics STM32MP253C Datasheet HTML 160Page - STMicroelectronics STM32MP253C Datasheet HTML 161Page - STMicroelectronics STM32MP253C Datasheet HTML 162Page - STMicroelectronics STM32MP253C Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 241 page
background image
Table 72. Asynchronous multiplexed PSRAM/NOR read timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NE)
FMC_NE low time
4Tfmc_ker_ck - 1
-
4Tfmc_ker_ck + 0.5
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
2Tfmc_ker_ck - 1
-
2Tfmc_ker_ck + 0.5
ttw(NOE)
FMC_NOE low time
Tfmc_ker_ck - 1
-
Tfmc_ker_ck + 0.5
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
Tfmc_ker_ck
-
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
-
2
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
0
-
0.5
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck - 1
-
Tfmc_ker_ck + 0.5
th(AD_NADV)
FMC_AD(address) valid hold time after FMC_NADV high
Tfmc_ker_ck - 3
-
-
th(A_NOE)
Address hold time after FMC_NOE high
Address held until next read operation
tsu(Data_NE)
Data to FMC_NEx high setup time
Tfmc_ker_ck + 14
-
-
tsu(Data_NOE) Data to FMC_NOE high setup time
15
-
-
th(Data_NE)
Data hold time after FMC_NEx high
0
-
-
th(Data_NOE)
Data hold time after FMC_NOE high
0
-
-
Table 73. Asynchronous multiplexed PSRAM/NOR read - NWAIT timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck - 1
-
9Tfmc_ker_ck + 0.5
ns
tw(NOE)
FMC_NWE low time
6Tfmc_ker_ck - 1
-
6Tfmc_ker_ck + 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5Tfmc_ker_ck + 15
-
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4Tfmc_ker_ck + 13
-
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 159/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com