Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 81 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 77Page - NXP Semiconductors APR7/D Datasheet HTML 78Page - NXP Semiconductors APR7/D Datasheet HTML 79Page - NXP Semiconductors APR7/D Datasheet HTML 80Page - NXP Semiconductors APR7/D Datasheet HTML 81Page - NXP Semiconductors APR7/D Datasheet HTML 82Page - NXP Semiconductors APR7/D Datasheet HTML 83Page - NXP Semiconductors APR7/D Datasheet HTML 84Page - NXP Semiconductors APR7/D Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
DSP56001A
Power Consumption
MOTOROLA
DSP56001A/D, Rev. 1
4-7
POWER CONSUMPTION
Power dissipation is a key issue in portable DSP applications. The following describes some
factors that affect current consumption. Current consumption is described by the formula:
Equation 5: I = C
× V × f
where :
C =
node/pin capacitance
V =
voltage swing
f
=
frequency of node/pin toggle
For example, for an address pin loaded with a 50 pF capacitance and operating at 5.5V with a 33
MHz clock, toggling at its maximum possible rate (which is 8.25 MHz), the current consumption
is:
Equation 6: I = 50
× 10–12× 5.5×8.25 × 106= 227 mA
The maximum internal current value (ICCI – max), reflects the maximum possible switching of
the internal buses, which is not necessarily a real application case. The typical internal current
value (ICCI – typ) reflects the average switching of the internal buses.
The following steps are recommended for applications requiring very low current consumption:
1. Minimize external memory accesses; use internal memory accesses instead.
2. Minimize the number of pins that are switching.
3. Minimize the capacitive load on the pins.
4. Connect the unused inputs to pull-up or pull-down resistors.
HOST PORT CONSIDERATIONS
Careful synchronization is required when reading multi-bit registers that are written by another
asynchronous system. This is a common problem when two asynchronous systems are
connected. The situation exists in the Host Interface. The following paragraphs present
considerations for proper operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com