| Electronic Components Datasheet Search |
|
APR7/D Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR7/D Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 101 page ![]() 1-8 DSP56001A/D, Rev. 1 MOTOROLA DSP56001A Host Interface (HI) Port HOST INTERFACE (HI) PORT Table 1-9 HI Signals Signal Name Signal Type State during Reset Signal Description H0–H7 PB0–PB7 Input/ Output Input or Output Tri-stated Host Data Bus (H0–H7)—This data bus transfers data between the host processor and the DSP56001A. When configured as a Host Interface port, the H0–H7 signals are tri-stated as long as HEN is deasserted. The signals are inputs unless HR/W is high and HEN is asserted, in which case H0–H7 become outputs, allowing the host processor to read the DSP56001A data. H0–H7 become outputs when HACK is asserted during HREQ assertion. Port B GPIO 0–7 (PB0–PB7) —These signals are GPIO signals (PB0– PB7) when the Host Interface is not selected. After reset, the default state for these signals is GPIO input. HA0–HA2 PB8–PB10 Input Input or Output Tri-stated Host Address 0 – Host Address 2 (HA0–HA2)—These inputs provide the address selection for each Host Interface register. Port B GPIO 8–10 (PB8–PB10) —These signals are GPIO signals (PB8– PB10) when the Host Interface is not selected. After reset, the default state for these signals is GPIO input. HR/W PB11 Input Input or Output Tri-stated Host Read/Write—This input selects the direction of data transfer for each host processor access. If HR/W is high and HEN is asserted, H0– H7 are outputs and DSP data is transferred to the host processor. If HR/W is low and HEN is asserted, H0–H7 are inputs and host data is transferred to the DSP. HR/W must be stable when HEN is asserted. Port B GPIO 11 (PB11) —This signal is a GPIO signal called PB11 when the Host Interface is not being used. After reset, the default state for this signal is GPIO input. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |