Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 47Page - NXP Semiconductors APR7/D Datasheet HTML 48Page - NXP Semiconductors APR7/D Datasheet HTML 49Page - NXP Semiconductors APR7/D Datasheet HTML 50Page - NXP Semiconductors APR7/D Datasheet HTML 51Page - NXP Semiconductors APR7/D Datasheet HTML 52Page - NXP Semiconductors APR7/D Datasheet HTML 53Page - NXP Semiconductors APR7/D Datasheet HTML 54Page - NXP Semiconductors APR7/D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
DSP56001A
Bus Strobe / Wait Timing
MOTOROLA
DSP56001A/D, Rev. 1
2-33
161 Data-In Valid to RD
Deassertion (Set Up)
12—10—
ns
Note:
1.
If wait states are also inserted using the BCR and if the number of wait states is greater than two,
then specification numbers T156 and T157 can be increased accordingly.
2.
BS deassertion to address invalid indicates the time after which the address are no longer
guaranteed to be valid.
3.
The minimum number of wait states when using BS/WT is two (2).
4.
For read-modify-write instructions, the address lines will not change states between the read and
the write cycle. However, BS will deassert before asserting again for the write cycle. If wait states
are desired for each of the read and write cycle, the WT pin must be asserted once for each cycle.
Figure 2-24 Asynchronous BS / WT Timings
Table 2-15
Bus Strobe / Wait Timing (Continued)
No.
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Note:
During Read-Modify-Write instructions, the address lines do not change state.
However, BS will deassert before asserting again for the write cycle.
Data In
Data Out
A0–A15,
PS, DS,
X/Y
BS
WT
RD
D0–D23
WR
D0–D23
155
157
156
158
131
126
128
161
160
120
122
123
124
159
125
AA0398
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com