Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 65 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 61Page - NXP Semiconductors APR7/D Datasheet HTML 62Page - NXP Semiconductors APR7/D Datasheet HTML 63Page - NXP Semiconductors APR7/D Datasheet HTML 64Page - NXP Semiconductors APR7/D Datasheet HTML 65Page - NXP Semiconductors APR7/D Datasheet HTML 66Page - NXP Semiconductors APR7/D Datasheet HTML 67Page - NXP Semiconductors APR7/D Datasheet HTML 68Page - NXP Semiconductors APR7/D Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-13
Table 3-4
DSP56001A Identification by Signal Name
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
A0
53
M11
D8
94
J1
A1
54
N11
D9
96
H1
A2
57
N10
D10
97
G1
A3
58
M9
D11
99
F1
A4
60
N9
D12
102
F2
A5
61
M8
D13
104
E1
A6
65
N8
D14
105
D1
A7
67
N7
D15
106
C1
A8
68
N6
D16
108
D2
A9
70
M6
D17
109
B1
A10
71
N5
D18
113
C2
A11
75
M5
D19
114
A1
A12
76
N4
D20
115
B2
A13
77
N3
D21
118
A2
A14
79
N2
D22
119
A3
A15
80
M3
D23
120
B4
BG
43
K12
DS
49
M12
BR
45
L13
EXTAL
127
B6
BS
43
K12
GNDD
90
D3
D0
81
N1
GNDD
91
J3
D1
82
M2
GNDD
111
D2
85
L2
GNDD
112
D3
86
M1
GNDH
23
E11
D4
87
L1
GNDH
24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com