Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 46 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 42Page - NXP Semiconductors APR7/D Datasheet HTML 43Page - NXP Semiconductors APR7/D Datasheet HTML 44Page - NXP Semiconductors APR7/D Datasheet HTML 45Page - NXP Semiconductors APR7/D Datasheet HTML 46Page - NXP Semiconductors APR7/D Datasheet HTML 47Page - NXP Semiconductors APR7/D Datasheet HTML 48Page - NXP Semiconductors APR7/D Datasheet HTML 49Page - NXP Semiconductors APR7/D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
2-28
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
External Bus Asynchronous Timing
128 Input Data Hold Time to RD
Deassertion
0—0—
ns
129 RD Assertion Width
WS = 0
WS > 0
TC - 7
(WS + 1)
× T
C
- 7
TC - 5.5
(WS + 1)
× T
C
- 5.5
ns
ns
130 Address Valid to Input Data
Valid
WS = 0
WS > 0
TC + TL - 14
(WS + 1)
× T
C
+ TL - 14
TC + TL - 11
(WS + 1)
× T
C
+ TL - 11
ns
ns
131 Address Valid to RD Assertion
TL - 7
TL + 5
TL - 5.5
TL + 5
ns
132 RD Assertion to Input Data
Valid
WS = 0
WS > 0
TC - 11
(WS + 1)
× T
C
- 11
TC - 9
(WS + 1)
× T
C
- 9
ns
ns
133 WR Deassertion to RD
Assertion
TC - 12
TC - 10
ns
134 RD Deassertion to RD Assertion
TC - 8
TC - 6.5
ns
135 WR Deassertion to WR
Assertion
WS = 0
WS > 0
TC - 12
TC + TH - 12
TC - 10
TC + TH - 10
ns
ns
136 RD Deassertion to WR
Assertion
WS = 0
WS > 0
TC - 8
TC + TH - 8
TC - 6.5
TC + TH - 6.5
ns
ns
Table 2-13
External Bus Asynchronous Timing (Continued)
No.
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com