Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 50 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 46Page - NXP Semiconductors APR7/D Datasheet HTML 47Page - NXP Semiconductors APR7/D Datasheet HTML 48Page - NXP Semiconductors APR7/D Datasheet HTML 49Page - NXP Semiconductors APR7/D Datasheet HTML 50Page - NXP Semiconductors APR7/D Datasheet HTML 51Page - NXP Semiconductors APR7/D Datasheet HTML 52Page - NXP Semiconductors APR7/D Datasheet HTML 53Page - NXP Semiconductors APR7/D Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
2-32
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Bus Strobe / Wait Timing
BUS STROBE / WAIT TIMING
VCC = 5.0 V ± 10% for 27 MHz; VCC = 5.0 V ± 5% for 33 MHz;
TJ = –40 to 105˚ C; CL = 50 pF + 2 TTL loads
Table 2-15
Bus Strobe / Wait Timing
No.
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
150 First CKOUT transition to BS
Assertion
3
19
2.5
19
ns
151 WT Assertion to first CKOUT
transition (setup time)
3
2.5
ns
152 First CKOUT transition to WT
Deassertion for Minimum Timing
11
TC - 6
12
TC – 5
ns
153 WT Deassertion to first CKOUT
transition for Maximum Timing
(2 wait states)
6—5—
ns
154 Second CKOUT transition to
BS Deassertion
320319
ns
155 BS Assertion to Address Valid
-2
8
-2
6.5
ns
156 BS Assertion to WT Assertion
(See Note 1)
0TC - 11
0
TC – 10
ns
157 BS Assertion to WT Deassertion
(See Note 1 and Note 3)
WS < 2
WS > 2
TC
(WS - 1)
× T
C
2
× T
C – 11
WS
× T
C - 11
TC + 4
(WS - 1)
× T
C
+ 4
2 × T
C – 10
WS
× T
C - 10
ns
ns
158 WT Deassertion to BS
Deassertion
TC + TL
2
× T
C + TL +
17
TC + TL
2
× T
C + TL +
15
ns
159 Minimum BS Deassertion
Width for Consecutive
External Accesses
TH - 6
TH - 4.5
ns
160 BS Deassertion to Address
Invalid (See Note 2)
TH - 8
TH - 6.5
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com