Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 26 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 22Page - NXP Semiconductors APR7/D Datasheet HTML 23Page - NXP Semiconductors APR7/D Datasheet HTML 24Page - NXP Semiconductors APR7/D Datasheet HTML 25Page - NXP Semiconductors APR7/D Datasheet HTML 26Page - NXP Semiconductors APR7/D Datasheet HTML 27Page - NXP Semiconductors APR7/D Datasheet HTML 28Page - NXP Semiconductors APR7/D Datasheet HTML 29Page - NXP Semiconductors APR7/D Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
2-8
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
RESET, Stop, Mode Select, and Interrupt Timing
17 Delay from IRQA, IRQB
Assertion to External Memory
Access Address Out Valid
Caused by First
Interrupt Instruction
Fetch
Caused by First
Interrupt Instruction
Execution
5
× T
C + TH
9
× T
C + TH
5
× T
C + TH
9
× T
C + TH
ns
ns
18 Delay from IRQA, IRQB
Assertion to General Purpose
Transfer Output Valid caused
by First Interrupt Instruction
Execution
11
× T
C + TH
11
× T
C + TH
—ns
19 Delay from Address Output
Valid caused by First Interrupt
Instruction Execute to Interrupt
Request Deassertion for Level-
Sensitive Fast Interrupts (See
Note 3)
—2
× T
C + TL +
(TC × WS) –
34
—2
× T
C + TL +
(TC × WS) –
27
ns
20 Delay from RD Assertion to
Interrupt Request Deassertion
for Level-Sensitive Fast
Interrupts (See Note 3)
—2
× T
C +
(TC × WS) –
31
—2
× T
C +
(TC × WS) –
25
ns
21 Delay from WR Assertion to
Interrupt Request Deassertion
for Level-Sensitive Fast
Interrupts (See Note 3)
WS = 0
WS > 0
2
× T
C – 31
TC + TL +
(TC × WS) –
31
2
× T
C – 25
TC + TL +
(TC × WS) –
25
ns
ns
Table 2-8
Reset, Stop, Mode Select, and Interrupt Timing (27/33 MHz) (Continued)
Num
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com