Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 76Page - NXP Semiconductors APR7/D Datasheet HTML 77Page - NXP Semiconductors APR7/D Datasheet HTML 78Page - NXP Semiconductors APR7/D Datasheet HTML 79Page - NXP Semiconductors APR7/D Datasheet HTML 80Page - NXP Semiconductors APR7/D Datasheet HTML 81Page - NXP Semiconductors APR7/D Datasheet HTML 82Page - NXP Semiconductors APR7/D Datasheet HTML 83Page - NXP Semiconductors APR7/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
4-6
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Electrical Design Considerations
ELECTRICAL DESIGN CONSIDERATIONS
Use the following list of recommendations to assure correct DSP operation:
Provide a low-impedance path from the board power supply to each VCC pin on the DSP,
and from the board ground to each GND pin.
Use at least four 0.1
µF bypass capacitors positioned as close as possible to the four sides
of the package to connect the VCC power source to GND.
Ensure that capacitor leads and associated printed circuit traces that connect to the chip
VCC and GND pins are less than 0.5 inch per capacitor lead.
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers for VCC and
GND.
Because the DSP output signals have fast rise and fall times, PCB trace lengths should be
minimal. This recommendation particularly applies to the address and data buses as well
as the RD, WR, IRQA, IRQB, NMI, HEN, and HACK pins.
Consider all device loads, as well as parasitic capacitance due to PCB traces, when
calculating capacitance. This is especially critical in systems with higher capacitive loads
that could create higher transient currents in the VCC and GND circuits.
All inputs must be terminated (i.e., not allowed to float) using CMOS levels.
CAUTION
This device contains protective circuitry to
guard against damage due to high static
voltage or electrical fields. However, normal
precautions are advised to avoid application
of any voltages higher than maximum rated
voltages
to
this
high-impedance
circuit.
Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com