Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR7/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # APR7/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR7/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button APR7/D Datasheet HTML 55Page - NXP Semiconductors APR7/D Datasheet HTML 56Page - NXP Semiconductors APR7/D Datasheet HTML 57Page - NXP Semiconductors APR7/D Datasheet HTML 58Page - NXP Semiconductors APR7/D Datasheet HTML 59Page - NXP Semiconductors APR7/D Datasheet HTML 60Page - NXP Semiconductors APR7/D Datasheet HTML 61Page - NXP Semiconductors APR7/D Datasheet HTML 62Page - NXP Semiconductors APR7/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
DSP56001A
Pin-out and Package Information
MOTOROLA
DSP56001A/D, Rev. 1
3-7
Figure 3-6 Bottom View of the 88-pin Ceramic (RC) Pin Grid Array Package
HACK
VCCH
GNDN
A3
A4
MODB/
IRQB
D23
A12
RESET
MODA/
IRQA
A11
A10
XTAL
EXTAL
VCCQ
GNDN
A9
A8
HA2
GNDQ
A7
HEN
HREQ
A2
HA1
HA0
VCCN
A5
A6
(Bottom View)
H6
H4
H2
H0
SC0
VCCQ
SRD
BG/BS
RD
DS
PS
HR/W
H7
GNDH
GNDQ
A0
A1
H5
H3
H1
RXD
TXD
SCLK
SCK
SC2
STD
SC1
BR/WT
WR
X/Y
D19
D17
D15
D14
D13
D11
D10
D9
D8
D6
D4
D3
D0
D21
D20
D18
D16
D12
D7
D5
D2
D1
A14
D22
GNDD
VCCD
GNDD
A15
A13
Note:
1.
“nc” are no connection pins that are reserved for possible future enhancements. Do
not connect these pins to any power, ground, signal traces, or vias.
2.
An OVERBAR indicates the signal is asserted when the voltage = ground (active low).
3.
To simplify locating the pins, each fifth pin is shaded in the illustration.
Orientation Mark
(on Top side)
A
B
C
D
E
F
G
H
J
K
L
M
N
1
2
3
4
5
6
7
8
9
10
11
12
13
AA0903
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com