| Electronic Components Datasheet Search |
|
APR7/D Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR7/D Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 101 page ![]() DSP56001A Host Interface (HI) Port MOTOROLA DSP56001A/D, Rev. 1 1-9 HEN PB12 Input Input or Output Tri-stated Host Enable—This input enables a data transfer on the host data bus. When HEN is asserted and HR/W is high, H0–H7 become outputs and the host processor may read DSP56001A data. When HEN is asserted and HR/W is low, H0–H7 become inputs. Host data is latched in the DSP on the rising edge of HEN. Normally, a chip select signal derived from host address decoding and an enable strobe are used to generate HEN. Port B GPIO 12 (PB12) —This signal is aGPIO signal called PB12 when the Host Interface is not being used. After reset, the default state for this signal is GPIO input. HREQ PB13 Open drain Output Input or Output Tri-stated Host Request—This signal is used by the Host Interface to request service from the host processor, DMA controller, or a simple external controller. Note: HREQ should always be pulled high when it is not in use. Port B GPIO 13 (PB13) —This signal is a GPIO (not open-drain) signal (PB13) when the Host Interface is not selected. After reset, the default state for this signal is GPIO input. HACK PB14 Input Input or Output Tri-stated Host Acknowledge—This input has two functions. It provides a host acknowledge handshake signal for DMA transfers and it receives a host interrupt acknowledge compatible with MC68000 family processors. Note: HACK should always be pulled high when it is not in use. Port B GPIO 14 (PB14) —This signal is a GPIO signal (PB14) when the Host Interface is not selected, and may be programmed as a GPIO signal when the Host Interface is selected. After reset, the default state for this signal is GPIO input. Table 1-9 HI Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |