Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1PS01 Datasheet HTML 1Page - STMicroelectronics ST1PS01 Datasheet HTML 2Page - STMicroelectronics ST1PS01 Datasheet HTML 3Page - STMicroelectronics ST1PS01 Datasheet HTML 4Page - STMicroelectronics ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Functional pin description
GND
Device ground pin.
VIN
Supply voltage. This pin supplies power to the internal analog and digital circuitries when voltage is higher than
VUVLO. Bypass this pin to GND with a 10 μF ceramic capacitor. Input capacitor CIN must be chosen with low ESR
to reduce the input voltage ripple.
SW
Inductor connection to internal PMOS and NMOS switches.
VOUT
Output voltage sense input. It provides the feedback voltage level to the regulation circuitry. 10 µF output
capacitor COUT must be connected close to the pin or through a short trace and should have low ESR to reduce
the output voltage ripple.
EN
Enable pin. A logic low level on this pin disables the device. High level enables the device. Do not leave this pin
floating.
D0, D2
Output voltage selection pins. See the Section 5 for VOUT selection. Do not leave these pins floating. These pins
can be dynamically changed during operation.
PGOOD
Power Good open drain output. If used it requires a pull-up resistor to hold a high level signal. High impedance
indicates that VOUT is above proper good threshold.
ST1PS01
Functional pin description
DS12799 - Rev 5
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com