Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1PS01 Datasheet HTML 1Page - STMicroelectronics ST1PS01 Datasheet HTML 2Page - STMicroelectronics ST1PS01 Datasheet HTML 3Page - STMicroelectronics ST1PS01 Datasheet HTML 4Page - STMicroelectronics ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
500 nA input quiescent current at VIN=3.6 V (not switching)
•
94% typical efficiency at 1 mA load (VIN=3.6 V, VOUT=3.3 V)
•
100% duty cycle
•
1.8 V to 5.5 V input operating range
•
Undervoltage lockout: 1.57 V (VIN falling, typ.)
•
Up to 400 mA output current capability
•
Low power control operation for the best efficiency
•
Embedded soft-start circuit
•
Tiny external components: L=2.2 µH typ.
•
Selectable output voltages: 0.625 V to 3.3 V
•
Output voltage Power Good
•
±1.5% output voltage accuracy (VOUT, TA = 25 °C)
•
Dynamic output voltage selection (D0, D1)
•
Available in Flip-Chip package
Applications
•
Wearable applications
•
Personal tracking monitors
•
Smart watches, sport bands
•
Energy harvesting, wireless sensors
•
Wearable and fitness accessories
•
Industrial sensors, portable low power devices
•
Single cell Li-Ion battery applications
•
Bluetooth® low energy
•
Zigbee
Description
The ST1PS01 is a nano-quiescent miniaturized synchronous step-down converter,
which is able to provide up to 400 mA output current with an input voltage ranging
from 1.8 V to 5.5 V.
This converter is specifically designed for applications where high efficiency, PCB
size and thickness are the key factors. The output voltage can be set using two
digital control inputs, a VOUT from 0.625 V to 3.3 V can be dynamically selected.
Thanks to the enhanced PCC (peak current control) the ST1PS01 reaches very high
efficiency conversion using just a 2.2 µH inductor and two small capacitors.
Advanced design circuitry is implemented to minimize the quiescent current. The
device is available in Flip-Chip package.
Product status link
ST1PS01
400 mA nano-quiescent synchronous step-down converter with digital voltage
selection and Power Good
ST1PS01
Datasheet
DS12799 - Rev 5 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST1PS01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1PS02 STMICROELECTRONICS-ST1PS02 Datasheet
2Mb / 23P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
Rev 1 - February 2020
ST1PS03 STMICROELECTRONICS-ST1PS03 Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
ST1PS03A1QTR STMICROELECTRONICS-ST1PS03A1QTR Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
ST1PS03AQTR STMICROELECTRONICS-ST1PS03AQTR Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
More results

Similar Description - ST1PS01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
800-mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
logo
STMicroelectronics
ST1PS02 STMICROELECTRONICS-ST1PS02 Datasheet
2Mb / 23P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
Rev 1 - February 2020
ST1PS03 STMICROELECTRONICS-ST1PS03 Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com