Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics ST1PS01 Datasheet HTML 10Page - STMicroelectronics ST1PS01 Datasheet HTML 11Page - STMicroelectronics ST1PS01 Datasheet HTML 12Page - STMicroelectronics ST1PS01 Datasheet HTML 13Page - STMicroelectronics ST1PS01 Datasheet HTML 14Page - STMicroelectronics ST1PS01 Datasheet HTML 15Page - STMicroelectronics ST1PS01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Figure 14. Output ripple, VIN 3.6 V, VOUT 1.8 V, IOUT
150 mA
Figure 15. Output ripple, VIN 3.6 V, VOUT 1.8 V, IOUT
250 mA
Figure 16. Start-up VIN 3.6 V, VOUT 1.8 V, no load
Figure 17. Disable, Vin 3.6 V, VOUT 1.8 V, no load
Figure 18. Start-up, VIN 3.6 V, VOUT 1.8 V, IOUT 100
mA
Figure 19. Disable, VIN 3.6 V, VOUT 1.8 V, IOUT 100
mA
ST1PS01
Typical performance characteristics
DS12799 - Rev 5
page 12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com