Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 2Page - STMicroelectronics ST1PS01 Datasheet HTML 3Page - STMicroelectronics ST1PS01 Datasheet HTML 4Page - STMicroelectronics ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics ST1PS01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5
Electrical characteristics
CIN= 10 µF, COUT= 10 µF, L=2.2 µH, RPU=1 MOhm, VIN=3.6 V, VEN= VIN, VOUT=1.8 V, TA=25 °C unless
otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
General section
IQ
Quiescent current
EN = VIN, IOUT = 0 A, VOUT = 1.8 V, device does not
switch, VIN = 2.5 V to 5.5 V
500 1000
nA
ISD
Shutdown current
EN = GND, shutdown current into VIN
10
200
nA
VUVLO
Undervoltage lockout threshold
VIN rising
1.63 1.72
V
VIN falling
1.51
1.57
V
Hysteresis
65
mV
Vth100%+
100% mode leave threshold
VIN rising, 100% mode is disabled with VIN =
VOUTnom + Vth100%+
300
mV
Vth100%-
100% mode enter threshold
VIN falling, 100% mode is entered with VIN =
VOUTnom + Vth100%-
200
Output voltage
VOUT
Output voltage range
Output voltages are selected with pins D0, D1
0.625
3.3
V
Output voltage accuracy
VIN = 3.6 V, whole VOUT range, IOUT=100 mA
-1.5
1.5
%
tONmin
Minimum on-time
VIN = 3.6 V, VOUT= 2 V, IOUT= 0 A
200
ns
tOFFmin
Minimum off-time
VIN=2.3V
50
ns
tstartupd
Start-up delay time
VEN from low to high, VIN = 3.6 V, VOUT = 1.8 V
0.5
4
ms
ROUTDIS
Output discharge MOSFET on-
resistance
VEN= GND
30
Ω
Logic inputs (EN, D0, D1)
VIL
Low level input voltage threshold
VIN=1.8 V to 5.5 V
0.3
V
VIH
High level input voltage
threshold
1
Power switch
RDS(on)
High-side MOSFET on-
resistance
VIN = 3.6 V, Isw = 400 mA
0.38 0.45
Ω
Low-side MOSFET on-
resistance
0.14
0.2
ILIM1
High-side MOSFET switch
current limit
1.8 V ≤ VIN ≤ 5.5 V
500
1150
mA
ILIMSS
High-side MOSFET switch
current limit during soft-start
Reduced switch current limit during soft-start period
(typ. 400 µs)
180
280
360
Power Good output (PGOOD)
Vthpg
Power Good threshold voltage
Rising output voltage on VOUT pin, referred to VOUT
selected (D0, D1)
95
97.5
%
VthpgH
Hysteresis
-6
-4.25 -2.5
ST1PS01
Electrical characteristics
DS12799 - Rev 5
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com