Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 3Page - STMicroelectronics ST1PS01 Datasheet HTML 4Page - STMicroelectronics ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics ST1PS01 Datasheet HTML 10Page - STMicroelectronics ST1PS01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VOL
Low level output voltage
1.8 V ≤ VIN ≤ 5.5 V, EN = GND, current into PGOOD
pin, IPGOOD = 4 mA
0.23
V
Table 7. Output voltage settings
Device
D1
D0
VOUT
ST1PS01AJR
0
0
1.9 V
0
1
2.0 V
1
0
2.1 V
1
1
2.8 V
ST1PS01BJR
0
0
1.1 V
0
1
1.2 V
1
0
1.5 V
1
1
1.7 V
ST1PS01CJR
0
0
1.0 V
0
1
1.2 V
1
0
1.3 V
1
1
1.5 V
ST1PS01DJR
0
0
1.8 V
0
1
2.3 V
1
0
2.5 V
1
1
2.8 V
ST1PS01EJR
0
0
1.8 V
0
1
2.7 V
1
0
3.0 V
1
1
3.3 V
ST1PS01FJR
0
0
1.05 V
0
1
1.25 V
1
0
1.35 V
1
1
1.55 V
ST1PS01GJR
0
0
0.73 V
0
1
0.80 V
1
0
0.90 V
1
1
1.0 V
ST1PS01HJR
0
0
1.05 V
0
1
0.90 V
1
0
0.70 V
1
1
0.625 V
ST1PS01
Electrical characteristics
DS12799 - Rev 5
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com