Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 12Page - STMicroelectronics ST1PS01 Datasheet HTML 13Page - STMicroelectronics ST1PS01 Datasheet HTML 14Page - STMicroelectronics ST1PS01 Datasheet HTML 15Page - STMicroelectronics ST1PS01 Datasheet HTML 16Page - STMicroelectronics ST1PS01 Datasheet HTML 17Page - STMicroelectronics ST1PS01 Datasheet HTML 18Page - STMicroelectronics ST1PS01 Datasheet HTML 19Page - STMicroelectronics ST1PS01 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
31-Oct-2018
1
Initial release.
13-Dec-2018
2
Updated Section 8 Typical performance characteristics.
Added Section 9.2 Flip-Chip 8 (1.14x1.44 mm) packing information.
13-Dec-2019
3
Updated Figure 22. Load transient, VIN 3.6 V, VOUT 1.8 V, IOUT 10 mA to 100
mA.
22-Jul-2020
4
Updated the cover page, Section 5 Electrical characteristics,
Section 8 Typical performance characteristics.
Minor text changes.
22-Sep-2020
5
Updated Section Features.
ST1PS01
DS12799 - Rev 5
page 18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com