Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics ST1PS01 Datasheet HTML 10Page - STMicroelectronics ST1PS01 Datasheet HTML 11Page - STMicroelectronics ST1PS01 Datasheet HTML 12Page - STMicroelectronics ST1PS01 Datasheet HTML 13Page - STMicroelectronics ST1PS01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8
Typical performance characteristics
Figure 4. Efficiency vs load, VOUT= 1.8 V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
100
1000
Load current [mA]
VIN 2.8V
VIN 3.2V
VIN 3.6V
VIN 4.2V
VIN 5V
L = 2.2µH
COUT = 10µF
Figure 5. Efficiency vs VIN, VOUT= 1.8 V
60%
65%
70%
75%
80%
85%
90%
95%
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage [V]
Iout = 100µA
Iout = 1mA
Iout = 50mA
Iout = 100mA
Iout = 200mA
L = 2.2µH
COUT = 10µF
Figure 6. Efficiency vs load, VOUT= 3.3 V
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
100
1000
Load current [mA]
VIN 3.6V
VIN 4.2V
VIN 5V
L = 2.2µH
COUT = 10µF
Figure 7. Efficiency vs VIN, VOUT= 3.3 V
60%
65%
70%
75%
80%
85%
90%
95%
100%
3.3
3.8
4.3
4.8
5.3
5.8
Input voltage [V]
Iout = 100µA
Iout = 1mA
Iout = 50mA
Iout = 100mA
Iout = 200mA
L = 2.2µH
COUT = 10µF
ST1PS01
Typical performance characteristics
DS12799 - Rev 5
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com