Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1PS01 Datasheet HTML 1Page - STMicroelectronics ST1PS01 Datasheet HTML 2Page - STMicroelectronics ST1PS01 Datasheet HTML 3Page - STMicroelectronics ST1PS01 Datasheet HTML 4Page - STMicroelectronics ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Pin configuration
Figure 2. Flip-Chip8 package (top through view)
D1
D0
PGOOD
VIN
SW
VOUT
EN
GND
A
B
C
D
E
1
2
3
Table 2. Pin description
Name
Bump name
Description
VIN
A3
Input supply voltage. Bypass this pin to ground with a 10 µF capacitor
SW
C3
Switching output. Inductor connection
VOUT
E3
Sense pin used to monitor output voltage
EN
B2
Enable pin. High logic level turns on the IC. VIN referred
GND
D2
Ground
D1
A1
Output voltage selection inputs (Refer to the Section 5
D0
C1
PGOOD
E1
Open drain output. It is in high impedance when the output voltage reaches 97.5% of the target VOUT
ST1PS01
Pin configuration
DS12799 - Rev 5
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com