Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1PS01
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1PS01 Datasheet HTML 5Page - STMicroelectronics ST1PS01 Datasheet HTML 6Page - STMicroelectronics ST1PS01 Datasheet HTML 7Page - STMicroelectronics ST1PS01 Datasheet HTML 8Page - STMicroelectronics ST1PS01 Datasheet HTML 9Page - STMicroelectronics ST1PS01 Datasheet HTML 10Page - STMicroelectronics ST1PS01 Datasheet HTML 11Page - STMicroelectronics ST1PS01 Datasheet HTML 12Page - STMicroelectronics ST1PS01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
7
Operation description
The ST1PS01 is an ultra-low quiescent new generation buck converter. It targets a very small quiescent current
consumption (typical 500 nA) and it guarantees high efficiency operation even down to few microampere loads.
It is based on a hysteretic comparator that senses the coil ripple current that is held constant in all operation
modes. The device has seamless transition between PFM (pulse frequency modulation) and PWM (pulse width
modulation) mode with low ripple and good load transient response.
In order to maintain constant ripple current on the selected coil, the device changes switching frequency, which
also depends on input supply voltage. During PWM mode (heavy load), the device operates in continuous
conduction up to 400 mA and switching frequency can reach 2 MHz maximum.
7.1
Power save mode
At light load the device enters automatically power save mode with total current consumption from the input power
supply of 500 nA typical; during this condition most of the internal blocks are turned off in order to reach ultra-low
power consumption. During this time, the load current is supported by the output capacitor.
7.2
Output voltage
The device allows output voltage selection without external resistor divider. A couple of standard digital inputs are
used to configure the device to supply a fixed output voltage according to Section 5 . The VOUT pin must be
connected directly and as close as possible to the inductor terminal to obtain the best performance and get
the best output voltage regulation. The output voltage can be dynamically changed to implement voltage scaling.
7.3
Output discharge and UVLO
The device embeds a fast output discharge circuitry active when the enable pin is held to ground (EN=gnd) or
when the input supply voltage reaches the minimum voltage level set by the UVLO protection circuit
(undervoltage lock-out protection circuit). The UVLO rising threshold at 1.63 V (typ.) guarantees a proper device
supply voltage operation.
7.4
Soft-start and current limitation
The device embeds a fixed soft-start circuit active during a limited time period (few ms). This feature allows the
inrush current to be minimized from the power supply in case of weak source. During this period internal circuit
reduces to 280 mA the typical switch current limit.
7.5
100% duty cycle operation
The device enters 100% duty cycle operation if the input voltage comes close to the selected output voltage.
During this mode, the regulator is turned off and output pin is directly connected to the input pin through the high-
side MOSFET. The output voltage follows the input level minus the voltage drop across the internal MOSFET and
the inductor. Once the input voltage exceeds the 100% duty cyle leave threshold, the device restarts to switch and
regulates the select output voltage again.
7.6
Power Good flag
The Power Good comparator monitors the selected VOUT voltage. The Power Good open drain output is in high
impedance when the VOUT reaches the correct voltage level while it switches to low level when VOUT falls below
the normal voltage level.
ST1PS01
Operation description
DS12799 - Rev 5
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com