Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS01 Datasheet (PDF) - STMicroelectronics

ST1PS01 Datasheet PDF - STMicroelectronics
Part # ST1PS01
Download  ST1PS01 Download
File Size   2544.66 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good

ST1PS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1PS01 Datasheet PDF - STMicroelectronics

Part # ST1PS01
Download  ST1PS01 Click to download

File Size   2544.66 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 400 mA nano-quiescent synchronous step-down converter with digital voltage selection and Power Good

ST1PS01 Datasheet (HTML) - STMicroelectronics


ST1PS01 Product details

Features
• 500 nA input quiescent current at VIN=3.6 V (not switching)
• 94% typical efficiency at 1 mA load (VIN=3.6 V, VOUT=3.3 V)
• 100% duty cycle
• 1.8 V to 5.5 V input operating range
• Undervoltage lockout: 1.57 V (VIN falling, typ.)
• Up to 400 mA output current capability
• Low power control operation for the best efficiency
• Embedded soft-start circuit
• Tiny external components: L=2.2 μH typ.
• Selectable output voltages: 0.625 V to 3.3 V
• Output voltage Power Good
• ±1.5% output voltage accuracy (VOUT, TA = 25 °C)
• Dynamic output voltage selection (D0, D1)
• Available in Flip-Chip package

Applications
• Wearable applications
• Personal tracking monitors
• Smart watches, sport bands
• Energy harvesting, wireless sensors
• Wearable and fitness accessories
• Industrial sensors, portable low power devices
• Single cell Li-Ion battery applications
• Bluetooth® low energy
• Zigbee

Description
The ST1PS01 is a nano-quiescent miniaturized synchronous step-down converter,
which is able to provide up to 400 mA output current with an input voltage ranging
from 1.8 V to 5.5 V.
This converter is specifically designed for applications where high efficiency, PCB
size and thickness are the key factors. The output voltage can be set using two
digital control inputs, a VOUT from 0.625 V to 3.3 V can be dynamically selected.
Thanks to the enhanced PCC (peak current control) the ST1PS01 reaches very high
efficiency conversion using just a 2.2 μH inductor and two small capacitors.
Advanced design circuitry is implemented to minimize the quiescent current. The
device is available in Flip-Chip package.




Similar Part No. - ST1PS01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1PS02 STMICROELECTRONICS-ST1PS02 Datasheet
2Mb / 23P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
Rev 1 - February 2020
ST1PS03 STMICROELECTRONICS-ST1PS03 Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
ST1PS03A1QTR STMICROELECTRONICS-ST1PS03A1QTR Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
ST1PS03AQTR STMICROELECTRONICS-ST1PS03AQTR Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
More results


Similar Description - ST1PS01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
800-mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
logo
STMicroelectronics
ST1PS02 STMICROELECTRONICS-ST1PS02 Datasheet
2Mb / 23P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and AUX switch
Rev 1 - February 2020
ST1PS03 STMICROELECTRONICS-ST1PS03 Datasheet
3Mb / 25P
400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
27-Sep-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com