Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 25Page - Texas Instruments OPAX310 Datasheet HTML 26Page - Texas Instruments OPAX310 Datasheet HTML 27Page - Texas Instruments OPAX310 Datasheet HTML 28Page - Texas Instruments OPAX310 Datasheet HTML 29Page - Texas Instruments OPAX310 Datasheet HTML 30Page - Texas Instruments OPAX310 Datasheet HTML 31Page - Texas Instruments OPAX310 Datasheet HTML 32Page - Texas Instruments OPAX310 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 8-3. Improving Capacitive Load Drive
8.3.5 Overload Recovery
Overload recovery is defined as the time required for the operational amplifier output to recover from a saturated
state to a linear state. The output devices of the operational amplifier enter a saturation region when the output
voltage exceeds the rated operating voltage, because of the high input voltage or high gain. After one of the
output devices enters the saturation region, the output stage requires additional time to return to the linear
operating state which is referred to as overload recovery time. After the output stage returns to linear operating
state, the amplifier begins to slew at the specified slew rate. Therefore, the propagation delay (in case of an
overload condition) is the sum of the overload recovery time and the slew time.
The overload recovery time for the OPAx310 family is approximately 0.75-µs typical.
8.3.6 EMI Rejection
The OPAx310 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications (radio frequency interference - RFI) and densely-populated boards
with a mix of analog signal chain and digital components. EMI immunity can be improved with circuit design
techniques; the OPAx310 benefits from these design improvements. Texas Instruments has developed the ability
to accurately measure and quantify the immunity of an operational amplifier over a broad frequency spectrum
extending from 10 MHz to 6 GHz. Figure 8-4 shows the results of this testing on the OPAx310. Table 8-1
shows the EMIRR IN+ values for the OPAx310 at particular frequencies commonly encountered in real-world
applications. The EMI Rejection Ratio of Operational Amplifiers application report contains detailed information
on the topic of EMIRR performance relating to op amps and is available for download from www.ti.com.
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
10M
100M
1G
D42_
Figure 8-4. EMIRR Testing
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com