Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 18Page - Texas Instruments OPAX310 Datasheet HTML 19Page - Texas Instruments OPAX310 Datasheet HTML 20Page - Texas Instruments OPAX310 Datasheet HTML 21Page - Texas Instruments OPAX310 Datasheet HTML 22Page - Texas Instruments OPAX310 Datasheet HTML 23Page - Texas Instruments OPAX310 Datasheet HTML 24Page - Texas Instruments OPAX310 Datasheet HTML 25Page - Texas Instruments OPAX310 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
110
120
130
140
150
160
170
180
D40_
VS = 1.5 V
VS = 5.5 V
VCM = VS/2
Figure 7-37. Quiescent Current vs Temperature
Capacitive Load (pF)
0
50
100
150
200
250
0
10
20
30
40
50
60
D010
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
G = –1
VIN = 100 mVpp
Figure 7-38. Small Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
0
50
100
150
200
250
0
10
20
30
40
50
60
D023
RISO = 0 :, Overshoot (+)
RISO = 0 :, Overshoot (-)
RISO = 50 :, Overshoot (+)
RISO = 50 :, Overshoot (-)
G = 1
VIN = 100 mVpp
Figure 7-39. Small Signal Overshoot vs Capacitive Load
Capacitive Load (pF)
20
40
60
80
100 120 140 160 180 200 220 240
27
30
33
36
39
42
45
48
51
54
57
D004
Figure 7-40. Phase Margin vs Capacitive Load
Time (40 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D021
VIN
VOUT
G = 1
VIN = 6 VPP
Figure 7-41. No Phase Reversal
Time (1 Ps/div)
-3
-2
-1
0
1
2
3
D22_
Input
Output
G = –10
VIN = 600 mVPP
Figure 7-42. Overload Recovery
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com