Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 4 Page - Texas Instruments

  OPAX310 Datasheet HTML 1Page - Texas Instruments OPAX310 Datasheet HTML 2Page - Texas Instruments OPAX310 Datasheet HTML 3Page - Texas Instruments OPAX310 Datasheet HTML 4Page - Texas Instruments OPAX310 Datasheet HTML 5Page - Texas Instruments OPAX310 Datasheet HTML 6Page - Texas Instruments OPAX310 Datasheet HTML 7Page - Texas Instruments OPAX310 Datasheet HTML 8Page - Texas Instruments OPAX310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
6 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
Figure 6-1. OPA310 DBV Package
5-Pin SOT-23
(Top View)
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 6-2. OPA310 DCK and DRL Package
5-Pin SC70 and 5-Pin SOT-5X3
(Top View)
1
OUT
2
IN±
3
V±
4
IN+
5
V+
Not to scale
Figure 6-3. OPA310 DPW Package
5-Pin X2SON
(Top View)
Table 6-1. Pin Functions: OPA310
PIN
I/O
DESCRIPTION
NAME
SOT-23
SC70,
SOT-5X3
X2SON
IN–
4
3
2
I
Inverting input
IN+
3
1
4
I
Noninverting input
OUT
1
4
1
O
Output
V–
2
2
3
I
Negative (low) supply or ground (for single-supply
operation)
V+
5
5
5
I
Positive (high) supply
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com