Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 8Page - Texas Instruments OPAX310 Datasheet HTML 9Page - Texas Instruments OPAX310 Datasheet HTML 10Page - Texas Instruments OPAX310 Datasheet HTML 11Page - Texas Instruments OPAX310 Datasheet HTML 12Page - Texas Instruments OPAX310 Datasheet HTML 13Page - Texas Instruments OPAX310 Datasheet HTML 14Page - Texas Instruments OPAX310 Datasheet HTML 15Page - Texas Instruments OPAX310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
7.7 Electrical Characteristics
For VS = (V+) – (V–) = 1.5 V to 5.5 V (±0.75 V to ±2.75 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset
voltage
VCM = V–
±0.25
±1.3
mV
VCM = V–
TA = –40°C to 125°C
±1.4
dVOS/dT
Input offset
voltage drift
VCM = V–
TA = –40°C to 125°C
±0.5
µV/
℃
PSRR
Input offset
voltage versus
power supply
VS = 1.5 V to 5.5 V , VCM = V–
±10
±50
µV/V
Channel
separation
f = 10 kHz
±1
µV/V
INPUT BIAS CURRENT
IB
Input bias
current (1)
VS = 1.8 V and VS = 5 V
±1
±30
pA
IOS
Input offset
current (1)
VS = 1.8 V and VS = 5 V
±0.5
±25
pA
NOISE
EN
Input voltage
noise
f = 0.1 to 10 Hz
4
μVPP
eN
Input voltage
noise density
f = 100 Hz
32
nV/√Hz
f = 1 kHz
16
f = 10 kHz
13
iN
Input current
noise (3)
f = 1 kHz
10
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range (1)
VS = 1.8 V
TA = –40°C to 125°C
(V–)
(V+)
V
Common-mode
voltage range (1)
VS = 5.5 V
TA = –40°C to 125°C
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode
rejection ratio
VS = 1.8 V, (V–) ≤ VCM ≤ (V+) – 0.6 V
75
85
dB
VS = 1.8 V, (V–) ≤ VCM ≤ (V+) – 0.6 V
TA = –40°C to 125°C
65
78
dB
VS = 5.5 V, (V–) ≤ VCM ≤ (V+) – 0.6 V
83
95
dB
VS = 5.5 V, (V–) ≤ VCM ≤ (V+) – 0.6 V
TA = –40°C to 125°C
75
85
dB
Full Range: VS = 1.8 V, (V–) ≤ VCM ≤ (V+)
TA = –40°C to 125°C
57.5
70
Full Range: VS = 5.5 V
(V–) – 0.1 V ≤ VCM ≤ (V+) + 0.1 V
TA = –40°C to 125°C
66.5
80
INPUT IMPEDANCE
ZID
Differential
Input
Impedance
80 || 1.4
GΩ || pF
ZICM
Common-mode
Input
Impedance
100 || 0.5
GΩ || pF
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com