Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 6Page - Texas Instruments OPAX310 Datasheet HTML 7Page - Texas Instruments OPAX310 Datasheet HTML 8Page - Texas Instruments OPAX310 Datasheet HTML 9Page - Texas Instruments OPAX310 Datasheet HTML 10Page - Texas Instruments OPAX310 Datasheet HTML 11Page - Texas Instruments OPAX310 Datasheet HTML 12Page - Texas Instruments OPAX310 Datasheet HTML 13Page - Texas Instruments OPAX310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating ambient temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–) Supply voltage, VS = (V+) – (V–)
0
7
V
Signal input pins
Common-mode voltage (2) (3)
– 0.5
6.0
V
Differential voltage (2) (3)
±6.0
V
Current (3)
–10
10
mA
Output short-circuit (4)
Continuous
Operating ambient temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input pins can swing beyond (V+) as long as they stay with in 6.0 V. No diode structure from input pins to (V+).
(3)
Input pins are diode-clamped to (V–). Input signals that 0.3 V below (V–) must be current-limited to 10 mA or less.
(4)
Short-circuit to ground, one amplifier per package.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±4000
V
Charged-device model (CDM), per JEDEC specification JS-002 (2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
1.5
5.5
V
VI
Input voltage range
– 0.1
5.6
V
TA
Specified temperature
–40
125
°C
7.4 Thermal Information for Single Channel
THERMAL METRIC (1)
OPA310
OPA310S
UNIT
DBV (2)
(SOT-23)
DCK (2)
(SC70)
DPW (2)
(X2SON)
DRL (2)
(X2SON)
DBV
(SOT-23)
DCK (2)
(SC70)
5 PINS
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
TBD
TBD
TBD
TBD
210.2
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
TBD
TBD
TBD
TBD
150.1
TBD
°C/W
RθJB
Junction-to-board thermal resistance
TBD
TBD
TBD
TBD
92.1
TBD
°C/W
ψJT
Junction-to-top characterization parameter
TBD
TBD
TBD
TBD
75.8
TBD
°C/W
ψJB
Junction-to-board characterization parameter
TBD
TBD
TBD
TBD
89.8
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
TBD
TBD
TBD
TBD
N/A
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
This package option is on preview.
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com