Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 16Page - Texas Instruments OPAX310 Datasheet HTML 17Page - Texas Instruments OPAX310 Datasheet HTML 18Page - Texas Instruments OPAX310 Datasheet HTML 19Page - Texas Instruments OPAX310 Datasheet HTML 20Page - Texas Instruments OPAX310 Datasheet HTML 21Page - Texas Instruments OPAX310 Datasheet HTML 22Page - Texas Instruments OPAX310 Datasheet HTML 23Page - Texas Instruments OPAX310 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
10M
D010
PSRR - (dB)
PSRR+ (dB)
Figure 7-25. PSRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
45
50
55
D11_
VS = 1.5 V to 5.5 V
Figure 7-26. DC PSRR vs Temperature
Frequency (Hz)
10
30
50
70
90
110
1k
10k
100k
1M
10M
D010
CMRR (dB)
Figure 7-27. CMRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
D12_
VS = 5.5 V, (V–) < VCM < (V+) – 0.6 V
Figure 7-28. DC CMRR vs Temperature
Time (1 s/div)
-2
-1
0
1
2
3
D14_
Figure 7-29. 0.1-Hz to 10-Hz Voltage Noise in Time Domain
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
D007
Figure 7-30. Input Voltage Noise Spectral Density
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com