Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 32 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 28Page - Texas Instruments OPAX310 Datasheet HTML 29Page - Texas Instruments OPAX310 Datasheet HTML 30Page - Texas Instruments OPAX310 Datasheet HTML 31Page - Texas Instruments OPAX310 Datasheet HTML 32Page - Texas Instruments OPAX310 Datasheet HTML 33Page - Texas Instruments OPAX310 Datasheet HTML 34Page - Texas Instruments OPAX310 Datasheet HTML 35Page - Texas Instruments OPAX310 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx310 family of rail-to-rail input and output operational amplifiers is specifically designed for high output
current applications. The devices operate from 1.5 V to 5.5 V, are unity-gain stable, and are also an excellent
choice for a wide range of general-purpose applications. The class AB output stage is capable of driving small
resistive loads connected to any point between V+ and V– as long as the device is not forced into short circuit
mode or thermal shutdown mode. The input common-mode voltage range includes both rails and allows the
OPAx310 series to be used in many single-supply or dual supply configurations.
9.2 Typical Application
9.2.1 OPAx310 Low-Side, Current Sensing Application
Figure 9-1 shows the OPAx310 configured in a low-side current sensing application.
I
LOAD
Z
LOAD
V
BUS
V
SHUNT
R
SHUNT
0.1 Ÿ
R
F
57.6 NŸ
R
G
1.2 NŸ
V
OUT
5 V
+
í
Device
+
í
Figure 9-1. OPAx310 in a Low-Side, Current-Sensing Application
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com