Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 15Page - Texas Instruments OPAX310 Datasheet HTML 16Page - Texas Instruments OPAX310 Datasheet HTML 17Page - Texas Instruments OPAX310 Datasheet HTML 18Page - Texas Instruments OPAX310 Datasheet HTML 19Page - Texas Instruments OPAX310 Datasheet HTML 20Page - Texas Instruments OPAX310 Datasheet HTML 21Page - Texas Instruments OPAX310 Datasheet HTML 22Page - Texas Instruments OPAX310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
10k
100k
1M
10M
D008
Figure 7-19. Open-Loop Output Impedance vs Frequency
Frequency (Hz)
-20
-10
0
10
20
30
40
50
100
1k
10k
100k
1M
10M
D017
G = -1
G = 1
G = 10
G = 100
CL = 10 pF
Figure 7-20. Closed-Loop Gain vs Frequency
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
2.2
2.3
2.4
2.5
2.6
2.7
2.8
D32_
-40°C
25°C
85°C
125°C
V+ = 2.75 V, V– = –2.75 V
Figure 7-21. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
40
80
120
160
200
240
270
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
D33_
-40°C
25°C
85°C
125°C
V+ = 2.75 V, V– = –2.75 V
Figure 7-22. Output Voltage Swing vs Output Current (Sinking)
Output Current (mA)
0
2
4
6
8
10
12
14
16
18
20
22
24
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
D34_
-40°C
25°C
125°C
V+ = 0.9 V, V– = –0.9 V
Figure 7-23. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
D35_
-40°C
25°C
125°C
V+ = 0.9 V, V– = –0.9 V
Figure 7-24. Output Voltage Swing vs Output Current (Sinking)
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com