Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 17Page - Texas Instruments OPAX310 Datasheet HTML 18Page - Texas Instruments OPAX310 Datasheet HTML 19Page - Texas Instruments OPAX310 Datasheet HTML 20Page - Texas Instruments OPAX310 Datasheet HTML 21Page - Texas Instruments OPAX310 Datasheet HTML 22Page - Texas Instruments OPAX310 Datasheet HTML 23Page - Texas Instruments OPAX310 Datasheet HTML 24Page - Texas Instruments OPAX310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
-110
-100
-90
-80
-70
-60
100
1k
10k
D030
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
G = 1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 7-31. THD + N vs Frequency
Frequency (Hz)
-90
-80
-70
-60
-50
-40
100
1k
10k
D030
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
G = –1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 7-32. THD + N vs Frequency
Amplitude(VRMS)
-120
-105
-90
-75
-60
-45
-30
-15
0
1m
10m
100m
1
D031
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
f = 1 kHz
G = 1
BW = 80 kHz
Figure 7-33. THD + N vs Amplitude
Amplitude(VRMS)
-120
-105
-90
-75
-60
-45
-30
-15
0
1m
10m
100m
1
D031
RL = 2 k:
RL = 10 k:
RL = 100 k:
VS = 5.5 V
VCM = 2.5 V
f = 1 kHz
G = –1
BW = 80 kHz
Figure 7-34. THD + N vs Amplitude
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
120
130
140
150
160
170
180
D38_
VCM = VS/2
Figure 7-35. Quiescent Current vs Supply Voltage
Input Common-Mode Voltage (V)
-2.75
-1.75
-0.75
0.25
1.25
2.25
120
130
140
150
160
170
180
D39_
V+ = 2.75 V, V– = –2.75 V
Figure 7-36. Quiescent Current vs Common-Mode Voltage
www.ti.com
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com