Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX310 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX310
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX310 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX310 Datasheet HTML 20Page - Texas Instruments OPAX310 Datasheet HTML 21Page - Texas Instruments OPAX310 Datasheet HTML 22Page - Texas Instruments OPAX310 Datasheet HTML 23Page - Texas Instruments OPAX310 Datasheet HTML 24Page - Texas Instruments OPAX310 Datasheet HTML 25Page - Texas Instruments OPAX310 Datasheet HTML 26Page - Texas Instruments OPAX310 Datasheet HTML 27Page - Texas Instruments OPAX310 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Time (20 µs/div)
-4
-3
-2
-1
0
1
2
3
4
D028
Input
Output
G = –1
VIN = 4 VPP
CL = 10 pF
Figure 7-49. Large-Signal Step Response
Frequency (Hz)
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
D036
VS = 5.5 V
VS = 1.8 V
Figure 7-50. Maximum Output Voltage vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-300
-200
-100
0
100
200
D37_
Sinking
Sourcing
VS = 5.5 V
Figure 7-51. Short-Circuit Current vs Temperature
Supply Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
100
200
300
400
500
D44_
Figure 7-52. Shutdown Mode Quiescent Current vs Supply
Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1200
-800
-400
0
400
800
1200
D45_
VS = 1.5 V
VS = 5.5 V
Figure 7-53. Shutdown Mode Quiescent Current vs Temperature
Time (2 µs/div)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D50_
Shutdown Voltage (V)
Output Voltage (V)
V+ = 2.75 V, V– = –2.75 V
Figure 7-54. Amplifier Enable Response
OPA310, OPA2310, OPA4310
SBOSAA1C – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com