Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 4 Page - NXP Semiconductors

  HCMOS Datasheet HTML 1Page - NXP Semiconductors HCMOS Datasheet HTML 2Page - NXP Semiconductors HCMOS Datasheet HTML 3Page - NXP Semiconductors HCMOS Datasheet HTML 4Page - NXP Semiconductors HCMOS Datasheet HTML 5Page - NXP Semiconductors HCMOS Datasheet HTML 6Page - NXP Semiconductors HCMOS Datasheet HTML 7Page - NXP Semiconductors HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
March 1988
4
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min. max. min.
max.
VIH
HIGH level input
voltage
1.5
1.2
1.5
1.5
V
2.0
3.15 2.4
3.15
3.15
4.5
4.2
3.2
4.2
4.2
6.0
VIL
LOW level input
voltage
0.8
0.5
0.5
0.5
V
2.0
2.1
1.35
1.35
1.35
4.5
2.8
1.8
1.8
1.8
6.0
VOH
HIGH level output
voltage
all outputs
1.9
2.0
1.9
1.9
V
2.0
VIH
or
VIL
−IO = 20 µA
4.4
4.5
4.4
4.4
4.5
−I
O = 20 µA
5.9
6.0
5.9
5.9
6.0
−IO = 20 µA
VOH
HIGH level output
voltage
standard outputs
3.98 4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 4.0 mA
5.48 5.81
5.34
5.2
6.0
−I
O = 5.2 mA
VOH
HIGH level output
voltage
bus driver outputs
3.98 4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 6.0 mA
5.48 5.81
5.34
5.2
6.0
−I
O = 7.8 mA
VOL
LOW level output
voltage
all outputs
0
0.1
0.1
0.1
V
2.0
VIH
or
VIL
IO = 20 µA
0
0.1
0.1
0.1
4.5
IO = 20 µA
0
0.1
0.1
0.1
6.0
IO = 20 µA
VOL
LOW level output
voltage
standard outputs
0.15 0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 4.0 mA
0.16 0.26
0.33
0.4
6.0
IO = 5.2 mA
VOL
LOW level output
voltage
bus driver outputs
0.15 0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 6.0 mA
0.16 0.26
0.33
0.4
6.0
IO = 7.8 mA
±II
input leakage current
0.1
1.0
1.0
µA
6.0
VCC
or
GND
±I
OZ
3-state OFF-state
current
0.5
5.0
10.0
µA
6.0
VIH
or
VIL
VO =VCC
or GND
ICC
quiescent supply
current
SSI
2.0
20.0
40.0
µA
6.0
VCC
or
GND
IO = 0
flip-flops
4.0
40.0
80.0
6.0
IO = 0
MSI
8.0
80.0
160.0
6.0
IO = 0
LSI
50.0
500
1000
6.0
IO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com