Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors HCMOS Datasheet HTML 16Page - NXP Semiconductors HCMOS Datasheet HTML 17Page - NXP Semiconductors HCMOS Datasheet HTML 18Page - NXP Semiconductors HCMOS Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
March 1988
18
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
AC switching parameters
fi
Input frequency; for combinatorial logic devices
the maximum number of inputs and outputs
switching in accordance with the device
function table. For sequential logic devices the
clock frequency using alternate HIGH and LOW
for data input or using the toggle mode,
whichever is applicable.
fo
Output frequency; each output.
fmax
Maximum clock frequency; clock input
waveforms should have a 50% duty factor and
be such as to cause the outputs to be switching
from 10%VCC to 90%VCC in accordance with
the device function table.
th
Hold time; the interval immediately following the
active transition of the timing pulse (usually the
clock pulse) or following the transition of the
control input to its latching level, during which
interval the data to be recognized must be
maintained at the input to ensure their
continued recognition. A negative hold time
indicates that the correct logic level may be
released prior to the timing pulse and still be
recognized.
tr,
tf
Clock input rise and fall times; 10% and 90%
values.
tPHL
Propagation delay; the time between the
specified reference points, normally the 50%
points for 74HC and 74HCU devices on the
input and output waveforms and the 1.3 V
points for the 74HCT devices, with the output
changing from the defined HIGH level to the
defined LOW level.
tPLH
Propagation delay; the time between the
specified reference points, normally the 50%
points for 74HC and 74HCU devices on the
input and output waveforms and the 1.3 V point
for the 74HCT devices, with the output
changing from the defined LOW level to the
defined HIGH level.
tPHZ
3-state output disable time; the time between
the specified reference points, normally the
50% points for the 74HC and 74HCU devices
and the 1.3 V points for the 74HCT devices on
the output enable input voltage waveform and a
point representing 10% of the output swing on
the output voltage waveform of a 3-state
device, with the output changing from
a HIGH level (VOH) to a high impedance
OFF-state (Z).
tPLZ
3-state output disable time; the time between
the specified reference points, normally the
50% points for the 74HC devices and the 1.3 V
points for the 74HCT devices on the output
enable input voltage waveform and a point
representing 10% of the output swing on the
output voltage waveform of a 3-state
device, with the output changing from a LOW
level (VOL) to a high impedance OFF-state (Z).
tPZH
3-state output enable time; the time between
the specified reference points, normally the
50% points for the 74HC devices and 1.3 V
points for the 74HCT devices on the output
enable input voltage waveform and the 50%
point on the output voltage waveform of a
3-state device, with the output changing from a
high impedance OFF-state (Z) to a HIGH level
(VOH).
tPZL
3-state output enable time; the time between
the specified reference points, normally the
50% points for the 74HC devices and the 1.3 V
points for the 74HCT devices on the output
enable input voltage waveform and the 50%
point on the output voltage waveform of a
3-state device, with the output changing from a
high impedance OFF-state (Z) to a LOW level
(VOL).
trem
Removal time; the time between the end of an
overriding asynchronous input, typically a clear
or reset input, and the earliest permissible
beginning of a synchronous control input,
typically a clock input, normally measured at
the 50% points for 74HC devices and the 1.3 V
points for the 74HCT devices on both input
voltage waveforms.
tsu
Set-up time; the interval immediately preceding
the active transition of the timing pulse (usually
the clock pulse) or preceding the transition of
the control input to its latching level, during
which interval the data to be recognized must
be maintained at the input to ensure their
recognition. A negative set-up time indicates
that the correct logic level may be initiated
sometime after the active transition of the
timing pulse and still be recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com