Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 2 Page - NXP Semiconductors

  HCMOS Datasheet HTML 1Page - NXP Semiconductors HCMOS Datasheet HTML 2Page - NXP Semiconductors HCMOS Datasheet HTML 3Page - NXP Semiconductors HCMOS Datasheet HTML 4Page - NXP Semiconductors HCMOS Datasheet HTML 5Page - NXP Semiconductors HCMOS Datasheet HTML 6Page - NXP Semiconductors HCMOS Datasheet HTML 7Page - NXP Semiconductors HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
March 1988
2
Philips Semiconductors
HCMOS family characteristics
FAMILY
SPECIFICATIONS
GENERAL
These family specifications cover the common electrical
ratings and characteristics of the entire HCMOS
74HC/HCT/HCU family, unless otherwise specified in the
individual device data sheet.
INTRODUCTION
The 74HC/HCT/HCU high-speed Si-gate CMOS logic
family combines the low power advantages of the
HE4000B family with the high speed and drive capability of
the low power Schottky TTL (LSTTL).
The family will have the same pin-out as the 74 series and
provide the same circuit functions.
In these families are included several HE4000B family
circuits which do not have TTL counterparts, and some
special circuits.
The basic family of buffered devices, designated as
XX74HCXXXXX, will operate at CMOS input logic levels
for high noise immunity, negligible typical quiescent supply
and input current. It is operated from a power supply of
2to6V.
A subset of the family, designated as XX74HCTXXXXX,
with the same features and functions as the “HC-types”,
will operate at standard TTL power supply voltage
(5 V
± 10%) and logic input levels (0.8 to 2.0 V) for use as
pin-to-pin compatible CMOS replacements to reduce
power consumption without loss of speed. These types are
also suitable for converted switching from TTL to CMOS.
Another subset, the XX74HCUXXXXX, consists of
single-stage unbuffered CMOS compatible devices for
application in RC or crystal controlled oscillators and other
types of feedback circuits which operate in the linear
mode.
HANDLING MOS DEVICES
Inputs and outputs are protected against electrostatic
effects in a wide variety of device-handling situations.
However, to be totally safe, it is desirable to take handling
precautions into account
(see also
“HANDLING PRECAUTIONS”).
RECOMMENDED OPERATING CONDITIONS FOR 74HC/HCT
Note
1. For analog switches, e.g. “4016”, “4051 series”, “4351 series”, “4066” and “4067”, the specified maximum operating
supply voltage is 10 V.
SYMBOL PARAMETER
74HC
74HCT
UNIT CONDITIONS
min. typ.
max.
min. typ.
max.
VCC
DC supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
DC input voltage range
0
VCC
0VCC
V
VO
DC output voltage range
0
VCC
0VCC
V
Tamb
operating ambient temperature range
−40
+85
−40
+85
°C
see DC and AC
CHAR. per device
Tamb
operating ambient temperature range
−40
+125 −40
+125 °C
tr,tf
input rise and fall times except for
Schmitt-trigger inputs
6.0
1000
6.0
500
ns
VCC = 2.0 V
500
VCC = 4.5 V
400
VCC = 6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com