Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors HCMOS Datasheet HTML 16Page - NXP Semiconductors HCMOS Datasheet HTML 17Page - NXP Semiconductors HCMOS Datasheet HTML 18Page - NXP Semiconductors HCMOS Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
March 1988
17
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DEFINITIONS OF SYMBOLS AND TERMS USED IN
HCMOS DATA SHEETS
Currents
Positive current is defined as conventional current flow
into a device.
Negative current is defined as conventional current flow
out of a device.
Voltages
All voltages are referenced to GND (ground), which is
typically 0 V.
ICC
Quiescent power supply current; the current
flowing into the VCC supply terminal.
∆I
CC
Additional quiescent supply current per input
pin at a specified input voltage and VCC.
IGND
Quiescent power supply current; the current
flowing into the GND terminal.
II
Input leakage current; the current flowing into a
device at a specified input voltage and VCC.
IIK
Input diode current; the current flowing into a
device at a specified input voltage.
IO
Output source or sink current: the current
flowing into a device at a specified output
voltage.
IOK
Output diode current; the current flowing into a
device at a specified output voltage.
IOZ
OFF-state output current; the leakage current
flowing into the output of a 3-state device in the
OFF-state, when the output is connected to
VCC or GND.
IS
Analog switch leakage current; the current
flowing into an analog switch at a specified
voltage across the switch and VCC.
GND
Supply voltage; for a device with a single
negative power supply, the most negative
power supply, used as the reference level for
other voltages; typically ground.
VCC
Supply voltage; the most positive potential on
the device.
VEE
Supply voltage; one of two (GND and VEE)
negative power supplies.
VH
Hysteresis voltage; difference between the
trigger levels, when applying a positive and a
negative-going input signal.
VIH
HIGH level input voltage; the range of input
voltages that represents a logic HIGH level in
the system.
Analog terms
Capacitances
VIL
LOW level input voltage; the range of input
voltages that represents a logic LOW level in
the system.
VOH
HIGH level output voltage; the range of
voltages at an output terminal with a specified
output loading and supply voltage. Device
inputs are conditioned to establish a HIGH level
at the output.
VOL
LOW level output voltage; the range of voltages
at an output terminal with a specified output
loading and supply voltage. Device inputs are
conditioned to establish a LOW level at the
output.
VT+
Trigger threshold voltage; positive-going signal.
VT−
Trigger threshold voltage; negative-going
signal.
RON
ON-resistance; the effective ON-state
resistance of an analog switch, at a specified
voltage across the switch and output load.
∆R
ON
∆ON-resistance; the difference in
ON-resistance between any two switches of an
analog device at a specified voltage across the
switch and output load.
CI
Input capacitance; the capacitance measured
at a terminal connected to an input of a device.
CI/O
Input/Output capacitance; the capacitance
measured at a terminal connected to an I/O-pin
(e.g. a transceiver).
CL
Output load capacitance; the capacitance
connected to an output terminal including jig
and probe capacitance.
CPD
Power dissipation capacitance; the capacitance
used to determine the dynamic power
dissipation per logic function, when no extra
load is provided to the device.
CS
Switch capacitance; the capacitance of a
terminal to a switch of an analog device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com