Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors HCMOS Datasheet HTML 16Page - NXP Semiconductors HCMOS Datasheet HTML 17Page - NXP Semiconductors HCMOS Datasheet HTML 18Page - NXP Semiconductors HCMOS Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
March 1988
16
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
AC CHARACTERISTICS
The “AC CHARACTERISTICS” table lists the guaranteed
limits when a device is tested under the conditions given in
the AC Test Circuits and Waveforms section.
TEST CIRCUITS
Good high-frequency wiring practices should be used in
test circuits. Capacitor leads should be as short as
possible to minimize ripples on the output waveform
transitions and undershoot. Generous ground metal
(preferably a ground-plane) should be used for the same
reasons. A VCC decoupling capacitor should be provided
at the test socket, also with short leads. Input signals
should have rise and fall times of 6 ns, a signal swing of
0 V to VCC for 74HC and 0 V to 3 V for 74HCT; a 1.0 MHz
square wave is recommended for most propagation delay
tests. The repetition rate must be increased for testing
fmax. Two pulse generators are usually required for testing
such parameters as set-up time, hold time and removal
time. fmax is also tested with 6 ns input rise and fall times,
with a 50% duty factor, but for typical fmax as high as
60 MHz, there are no constraints on rise and fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com