Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 3 Page - NXP Semiconductors

  HCMOS Datasheet HTML 1Page - NXP Semiconductors HCMOS Datasheet HTML 2Page - NXP Semiconductors HCMOS Datasheet HTML 3Page - NXP Semiconductors HCMOS Datasheet HTML 4Page - NXP Semiconductors HCMOS Datasheet HTML 5Page - NXP Semiconductors HCMOS Datasheet HTML 6Page - NXP Semiconductors HCMOS Datasheet HTML 7Page - NXP Semiconductors HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
March 1988
3
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS FOR 74HCU
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
Note
1. For analog switches, e.g. “4016”, “4051 series”, “4351 series”, “4066” and “4067”, the specified maximum operating
supply voltage is 11 V.
SYMBOL
PARAMETER
74HCU
UNIT CONDITIONS
min. typ. max.
VCC
DC supply voltage
2.0
5.0
6.0
V
VI
DC input voltage range
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
operating ambient temperature range
−40
+85
°C
see DC and AC
CHAR. per device
Tamb
operating ambient temperature range
−40
+125 °C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT CONDITIONS
VCC
DC supply voltage
−0.5 +7V
±I
IK
DC input diode current
20
mA
for VI <−0.5 or VI > VCC + 0.5 V
±I
OK
DC output diode current
20
mA
for VO <−0.5 or VO > VCC + 0.5 V
±IO
DC output source or sink
current
for
−0.5 V < VO < VCC + 0.5 V
standard outputs
25
mA
bus driver outputs
35
mA
±I
CC;
±IGND
DC VCC or GND current for
types with:
standard outputs
50
mA
bus driver outputs
70
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range:
−40 to +125 °C
74HC/HCT/HCU
plastic DIL
750
mW
above
+70 °C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above
+70 °C: derate linearly with 8 mW/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com