Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors HCMOS Datasheet HTML 10Page - NXP Semiconductors HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors HCMOS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
March 1988
12
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
Test circuit for 74HC
HCT TYPES
AC waveforms 74HCT
handbook, full pagewidth
MGK563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
PULSE
GENERATOR
Switch position
Note
1. For open-drain N-channel outputs tPLZ and tPZL are applicable.
TEST
SWITCH
tPZH
tPZL
tPHZ
tPLZ
GND
VCC
GND
VCC
Fig.7 Test circuit for 3-state outputs.
CL
=
load capacitance including jig and probe capacitance
(see AC CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output impedance Zo of
the pulse generator.
Fig.8 Input rise and fall times, transition times and propagation delays for combinatorial logic ICs.
handbook, halfpage
MGK567
10%
90%
90%
1.3 V
1.3 V
INPUT
OUTPUT
tr
tf
tPHL
tTHL
tPLH
tTLH
10%
GND
3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com