Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 9Page - NXP Semiconductors HCMOS Datasheet HTML 10Page - NXP Semiconductors HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors HCMOS Datasheet HTML 16Page - NXP Semiconductors HCMOS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
March 1988
13
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
AC waveforms 74HCT
Test circuit for 74HCT
handbook, full pagewidth
MGK568
10%
90%
1.3 V
CLOCK
INPUT
3 V
GND
1.3 V
DATA
INPUT
3 V
GND
10%
90%
1.3 V
OUTPUT
tsu
tPHL
tPLH
tsu
tTLH
tTHL
1.3 V
SET,
RESET,
PRESET
INPUT
3 V
GND
tr
tf
tWH
th
th
tWL
trem
1/fmax
Fig.9
Set-up times, hold times, removal times, propagation delays and the maximum clock pulse frequency for
sequential logic ICs.
(1) In Fig.9 the active transition of the clock is going from LOW-to-HIGH and the active level of the forcing signals
(SET, RESET and PRESET) is HIGH. The actual direction of the transition of the clock input and the actual
active levels of the forcing signals are specified in the individual device data sheet.
(2) For AC measurements: tr =tf = 6 ns; when measuring fmax, there is no constraint on tr,tf with 50% duty factor.
handbook, halfpage
MGK565
PULSE
GENERATOR
D.U.T
VCC
VI
VO
RT
CL
50 pF
CL
=
load capacitance including jig and probe capacitance (see AC
CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output impedance Zo of
the pulse generator.
Fig.10 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com