Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 7Page - NXP Semiconductors HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors HCMOS Datasheet HTML 10Page - NXP Semiconductors HCMOS Datasheet HTML 11Page - NXP Semiconductors HCMOS Datasheet HTML 12Page - NXP Semiconductors HCMOS Datasheet HTML 13Page - NXP Semiconductors HCMOS Datasheet HTML 14Page - NXP Semiconductors HCMOS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
March 1988
11
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
Test circuit for 74HC
AC waveforms 74HC (continued)
CL
=
load capacitance including jig and probe capacitance
(see AC CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output impedance Zo of
the pulse generator.
Fig.5 Test circuit.
handbook, halfpage
MGK565
PULSE
GENERATOR
D.U.T
VCC
VI
VO
RT
CL
50 pF
Fig.6 Propagation delays of 3-state outputs.
handbook, full pagewidth
MGK562
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
10%
90%
50%
outputs
enabled
OUTPUT
LOW-to-OFF
OFF-to-LOW
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
ENABLE
VCC
GND
tPZL
tf
tr
tPZH
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com