Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5585ACPZ-00-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5585ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-00-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5585ACPZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5585ACPZ-00-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 23 of 40
Bit(s)
Bit Name
Access
Description
2
GPI_9_INT
Read only
0 = no interrupt.
1 = interrupt due to GPI_9 (C2 pin). Cleared on read.
1
GPI_8_INT
Read only
0 = no interrupt.
1 = interrupt due to GPI_8 (C1 pin). Cleared on read.
0
GPI_7_INT
Read only
0 = no interrupt.
1 = interrupt due to GPI_7 (C0 pin). Cleared on read.
GPI_STATUS_A Register 0x15
Table 29. GPI_STATUS_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPI_6_STAT
Read only
0 = GPI_6 (R5 pin) is low.
1 = GPI_6 (R5 pin) is high.
4
GPI_5_STAT
Read only
0 = GPI_5 (R4 pin) is low.
1 = GPI_5 (R4 pin) is high.
3
GPI_4_STAT
Read only
0 = GPI_4 (R3 pin) is low.
1 = GPI_4 (R3 pin) is high.
2
GPI_3_STAT
Read only
0 = GPI_3 (R2 pin) is low.
1 = GPI_3 (R2 pin) is high.
1
GPI_2_STAT
Read only
0 = GPI_2 (R1 pin) is low.
1 = GPI_2 (R1 pin) is high.
0
GPI_1_STAT
Read only
0 = GPI_1 (R0 pin) is low.
1 = GPI_1 (R0 pin) is high.
GPI_STATUS_B Register 0x16
Table 30. Register 0x16, GPI_STATUS_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPI_11_STAT
Read only
0 = GPI_11 (C4 pin) is low.
1 = GPI_11 (C4 pin) is high.
3
GPI_10_STAT
Read only
0 = GPI_10 (C3 pin) is low.
1 = GPI_10 (C3 pin) is high.
2
GPI_9_STAT
Read only
0 = GPI_9 (C2 pin) is low.
1 = GPI_9 (C2 pin) is high.
1
GPI_8_STAT
Read only
0 = GPI_8 (C1 pin) is low.
1 = GPI_8 (C1 pin) is high.
0
GPI_7_STAT
Read only
0 = GPI_7 (C0 pin) is low.
1 = GPI_7 (C0 pin) is high.


Similar Part No. - ADP5585ACPZ-00-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
Rev. C
More results

Similar Description - ADP5585ACPZ-00-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
REV. B
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
Rev. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
Rev. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
   Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
   Simplified I/O Expansion
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com