Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 171 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 167Page - ATMEL Corporation PCINT13 Datasheet HTML 168Page - ATMEL Corporation PCINT13 Datasheet HTML 169Page - ATMEL Corporation PCINT13 Datasheet HTML 170Page - ATMEL Corporation PCINT13 Datasheet HTML 171Page - ATMEL Corporation PCINT13 Datasheet HTML 172Page - ATMEL Corporation PCINT13 Datasheet HTML 173Page - ATMEL Corporation PCINT13 Datasheet HTML 174Page - ATMEL Corporation PCINT13 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 294 page
background image
171
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.4.6.2
Tx Header Function
In accordance with the LIN protocol, only the master task must enable this function. The
header is sent in the appropriate timed slots at the programmed baud rate (c.f. LINBRR & LIN-
BTR registers).
The controller is responsible for:
• The transmission of the BREAK field - 13 dominant bits,
• The transmission of the SYNCH field - character 0x55,
• The transmission of the PROTECTED IDENTIFIER field. It is the full content of the LINIDR
register (automatic check bits included).
At the end of this transmission, the controller automatically returns to Rx Header / LIN Abort
state (i.e. LCMD[1..0] = 00) after setting the appropriate flags. This function leaves the control-
ler in the same setting as after the Rx Header function. This means that, in LIN 1.3, the
LINDLR register is set with the uncoded length value at the end of the Tx Header function.
During this function, the controller is also responsible for:
• The starting of the Frame_Time_Out,
• The checking of the LIN communication integrity.
15.4.6.3
Rx & TX Response Functions
These functions are initiated by the slave task of a LIN node. They must be used after sending
an header (master task) or after receiving an header (considered as belonging to the slave
task). When the TX Response order is sent, the transmission begins. A Rx Response order
can be sent up to the reception of the last serial bit of the first byte (before the stop-bit).
In LIN 1.3, the header slot configures the LINDLR register. In LIN 2.1, the user must configure
the LINDLR register, either LRXDL[3..0] for Rx Response either LTXDL[3..0] for Tx Response.
When the command starts, the controller checks the LIN13 bit of the LINCR register to apply
the right rule for computing the checksum. Checksum calculation over the DATA bytes and the
PROTECTED IDENTIFIER byte is called enhanced checksum and it is used for communica-
tion with LIN 2.1 slaves. Checksum calculation over the DATA bytes only is called classic
checksum and it is used for communication with LIN 1.3 slaves. Note that identifiers 60 (0x3C)
to 63 (0x3F) shall always use classic checksum.
At the end of this reception or transmission, the controller automatically returns to Rx Header /
LIN Abort state (i.e. LCMD[1..0] = 00) after setting the appropriate flags.
If an LIN error occurs, the reception or the transmission is stopped, the appropriate flags are
set and the LIN bus is left to recessive state.
During these functions, the controller is responsible for:
• The initialization of the checksum operator,
• The transmission or the reception of ‘n’ data with the update of the checksum calculation,
• The transmission or the checking of the CHECKSUM field,
• The checking of the Frame_Time_Out,
• The checking of the LIN communication integrity.
While the controller is sending or receiving a response, BREAK and SYNCH fields can be
detected and the identifier of this new header will be recorded. Of course, specific errors on
the previous response will be maintained with this identifier reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com