Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 167 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 163Page - ATMEL Corporation PCINT13 Datasheet HTML 164Page - ATMEL Corporation PCINT13 Datasheet HTML 165Page - ATMEL Corporation PCINT13 Datasheet HTML 166Page - ATMEL Corporation PCINT13 Datasheet HTML 167Page - ATMEL Corporation PCINT13 Datasheet HTML 168Page - ATMEL Corporation PCINT13 Datasheet HTML 169Page - ATMEL Corporation PCINT13 Datasheet HTML 170Page - ATMEL Corporation PCINT13 Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 294 page
background image
167
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
15.3.3
Data Transport
Two types of data may be transported in a frame; signals or diagnostic messages.
• Signals
Signals are scalar values or byte arrays that are packed into the data field of a frame. A
signal is always present at the same position in the data field for all frames with the same
identifier.
• Diagnostic messages
Diagnostic messages are transported in frames with two reserved identifiers. The
interpretation of the data field depends on the data field itself as well as the state of the
communicating nodes.
15.3.4
Schedule Table
The master task (in the master node) transmits frame headers based on a schedule table. The
schedule table specifies the identifiers for each header and the interval between the start of a
frame and the start of the following frame. The master application may use different schedule
tables and select among them.
15.3.5
Compatibility with LIN 1.3
LIN 2.1 is a super-set of LIN 1.3.
A LIN 2.1 master node can handle clusters consisting of both LIN 1.3 slaves and/or LIN 2.1
slaves. The master will then avoid requesting the new LIN 2.1 features from a LIN 1.3 slave:
• Enhanced checksum,
• Re-configuration and diagnostics,
• Automatic baud rate detection,
• "Response error" status monitoring.
LIN 2.1 slave nodes can not operate with a LIN 1.3 master node (e.g. the LIN1.3 master does
not support the enhanced checksum).
The LIN 2.1 physical layer is backwards compatible with the LIN1.3 physical layer. But not the
other way around. The LIN 2.1 physical layer sets greater requirements, i.e. a master node
using the LIN 2.1 physical layer can operate in a LIN 1.3 cluster.
15.4
LIN / UART Controller
The LIN/UART controller is divided in three main functions:
• Tx LIN Header function,
• Rx LIN Header function,
• LIN Response function.
These functions mainly use two services:
•Rx service,
•Tx service.
Because these two services are basically UART services, the controller is also able to switch
into an UART function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com