Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 154 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 150Page - ATMEL Corporation PCINT13 Datasheet HTML 151Page - ATMEL Corporation PCINT13 Datasheet HTML 152Page - ATMEL Corporation PCINT13 Datasheet HTML 153Page - ATMEL Corporation PCINT13 Datasheet HTML 154Page - ATMEL Corporation PCINT13 Datasheet HTML 155Page - ATMEL Corporation PCINT13 Datasheet HTML 156Page - ATMEL Corporation PCINT13 Datasheet HTML 157Page - ATMEL Corporation PCINT13 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 294 page
background image
154
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The clock is generated by the Master device software by toggling the USCK pin via the PORT
Register or by writing a one to the USITC bit in USICR.
Figure 14-3. Three-wire Mode, Timing Diagram
The Three-wire mode timing is shown in Figure 14-3 At the top of the figure is a USCK cycle
reference. One bit is shifted into the USI Data Register (USIDR) for each of these cycles. The
USCK timing is shown for both external clock modes. In External Clock mode 0 (USICS0 = 0),
DI is sampled at positive edges, and DO is changed (Data Register is shifted by one) at nega-
tive edges. External Clock mode 1 (USICS0 = 1) uses the opposite edges versus mode 0, i.e.,
samples data at negative and changes the output at positive edges. The USI clock modes cor-
responds to the SPI data mode 0 and 1.
Referring to the timing diagram (Figure 14-3), a bus transfer involves the following steps:
1.
The Slave device and Master device sets up its data output and, depending on the
protocol used, enables its output driver (mark A and B). The output is set up by writ-
ing the data to be transmitted to the USI Data Register. Enabling of the output is done
by setting the corresponding bit in the port Data Direction Register. Note that point A
and B does not have any specific order, but both must be at least one half USCK
cycle before point C where the data is sampled. This must be done to ensure that the
data setup requirement is satisfied. The 4-bit counter is reset to zero.
2.
The Master generates a clock pulse by software toggling the USCK line twice (C and
D). The bit value on the slave and master’s data input (DI) pin is sampled by the USI
on the first edge (C), and the data output is changed on the opposite edge (D). The
4-bit counter will count both edges.
3.
Step 2. is repeated eight times for a complete register (byte) transfer.
4.
After eight clock pulses (i.e., 16 clock edges) the counter will overflow and indicate
that the transfer is completed. The data bytes transferred must now be processed
before a new transfer can be initiated. The overflow interrupt will wake up the proces-
sor if it is set to Idle mode. Depending of the protocol used the slave device can now
set its output to high impedance.
14.3.2
SPI Master Operation Example
The following code demonstrates how to use the USI module as a SPI Master:
SPITransfer:
sts
USIDR,r16
ldi
r16,(1<<USIOIF)
sts
USISR,r16
ldi
r16,(1<<USIWM0)|(1<<USICS1)|(1<<USICLK)|(1<<USITC)
SPITransfer_loop:
MSB
MSB
654321
LSB
1
2
3
4
5
6
7
8
654321
LSB
USCK
USCK
DO
DI
D
C
B
A
E
CYCLE ( Reference )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com