Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 146Page - ATMEL Corporation PCINT13 Datasheet HTML 147Page - ATMEL Corporation PCINT13 Datasheet HTML 148Page - ATMEL Corporation PCINT13 Datasheet HTML 149Page - ATMEL Corporation PCINT13 Datasheet HTML 150Page - ATMEL Corporation PCINT13 Datasheet HTML 151Page - ATMEL Corporation PCINT13 Datasheet HTML 152Page - ATMEL Corporation PCINT13 Datasheet HTML 153Page - ATMEL Corporation PCINT13 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 294 page
background image
150
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
13.2.4
SPI Status Register – SPSR
• Bit 7 – SPIF: SPI Interrupt Flag
When a serial transfer is complete, the SPIF flag is set. An interrupt is generated if SPIE in
SPCR is set and global interrupts are enabled. If SS is an input and is driven low when the SPI
is in Master mode, this will also set the SPIF flag. SPIF is cleared by hardware when executing
the corresponding interrupt handling vector. Alternatively, the SPIF bit is cleared by first read-
ing the SPI Status Register with SPIF set, then accessing the SPI Data Register (SPDR).
• Bit 6 – WCOL: Write COLlision Flag
The WCOL bit is set if the SPI Data Register (SPDR) is written during a data transfer. The
WCOL bit (and the SPIF bit) are cleared by first reading the SPI Status Register with WCOL
set, and then accessing the SPI Data Register.
• Bit 5..1 – Res: Reserved Bits
These bits are reserved bits in the Atmel
® AVR® and will always read as zero.
• Bit 0 – SPI2X: Double SPI Speed Bit
When this bit is written logic one the SPI speed (SCK Frequency) will be doubled when the
SPI is in Master mode (see Table 13-4). This means that the minimum SCK period will be two
CPU clock periods. When the SPI is configured as Slave, the SPI is only guaranteed to work at
f
clkio/4 or lower.
The SPI interface on the Atmel AVR is also used for program memory and EEPROM down-
loading or uploading. See “Serial Downloading” on page 249 for serial programming and
verification.
13.2.5
SPI Data Register – SPDR
• Bits 7:0 - SPD7:0: SPI Data
The SPI Data Register is a read/write register used for data transfer between the Register File
and the SPI Shift Register. Writing to the register initiates data transmission. Reading the reg-
ister causes the Shift Register Receive buffer to be read.
Bit
7
6543
210
SPIF
WCOL
–
–
–
–
–
SPI2X
SPSR
Read/Write
R
R
R
RRRR
R/W
Initial Value
0
0000
000
Bit
7654
3210
SPD7SPD6SPD5SPD4SPD3SPD2SPD1SPD0
SPDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
XXXXXXXX
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com