Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 100Page - ATMEL Corporation PCINT13 Datasheet HTML 101Page - ATMEL Corporation PCINT13 Datasheet HTML 102Page - ATMEL Corporation PCINT13 Datasheet HTML 103Page - ATMEL Corporation PCINT13 Datasheet HTML 104Page - ATMEL Corporation PCINT13 Datasheet HTML 105Page - ATMEL Corporation PCINT13 Datasheet HTML 106Page - ATMEL Corporation PCINT13 Datasheet HTML 107Page - ATMEL Corporation PCINT13 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 294 page
background image
104
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the
WGM01:0 bit setting. Table 10-1 shows the COM0A1:0 bit functionality when the WGM01:0
bits are set to a normal or CTC mode (non-PWM).
Table 10-2 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Fast PWM Mode” on page
97 for more details.
Table 10-3 shows the COM01:0 bit functionality when the WGM01:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the Com-
pare Match is ignored, but the set or clear is done at TOP. See “Phase Correct PWM Mode”
on page 98 for more details.
• Bit 5:2 – Res: Reserved Bits
These bits are reserved in the Atmel® AVR® and will always read as zero.
Table 10-1.
Compare Output Mode, non-PWM Mode
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC0A on Compare Match.
1
0
Clear OC0A on Compare Match.
1
1
Set OC0A on Compare Match.
Table 10-2.
Compare Output Mode, Fast PWM Mode
(1)
COM0A1
COM0A0
Description
00
Normal port operation, OC0A disconnected.
01
10
Clear OC0A on Compare Match.
Set OC0A at BOTTOM (non-inverting mode).
11
Set OC0A on Compare Match.
Clear OC0A at BOTTOM (inverting mode).
Table 10-3.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM0A1
COM0A0
Description
00
Normal port operation, OC0A disconnected.
01
10
Clear OC0A on Compare Match when up-counting.
Set OC0A on Compare Match when down-counting.
11
Set OC0A on Compare Match when up-counting.
Clear OC0A on Compare Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com