Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 98Page - ATMEL Corporation PCINT13 Datasheet HTML 99Page - ATMEL Corporation PCINT13 Datasheet HTML 100Page - ATMEL Corporation PCINT13 Datasheet HTML 101Page - ATMEL Corporation PCINT13 Datasheet HTML 102Page - ATMEL Corporation PCINT13 Datasheet HTML 103Page - ATMEL Corporation PCINT13 Datasheet HTML 104Page - ATMEL Corporation PCINT13 Datasheet HTML 105Page - ATMEL Corporation PCINT13 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 294 page
background image
102
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• If Timer/Counter0 is used to wake the device up from Power-save mode, precautions must
be taken if the user wants to re-enter one of these modes: The interrupt logic needs one
TOSC1 cycle to be reset. If the time between wake-up and re-entering sleep mode is less
than one TOSC1 cycle, the interrupt will not occur, and the device will fail to wake up. If the
user is in doubt whether the time before re-entering Power-save mode is sufficient, the
following algorithm can be used to ensure that one TOSC1 cycle has elapsed:
a.
Write a value to TCCR0A, TCNT0, or OCR0A.
b.
Wait until the corresponding Update Busy flag in ASSR returns to zero.
c.
Enter Power-save or ADC Noise Reduction mode.
• When the asynchronous operation is selected, the oscillator for Timer/Counter0 is always
running, except in Power-down mode. After a Power-up Reset or wake-up from
Power-down mode, the user should be aware of the fact that this oscillator might take as
long as one second to stabilize. The user is advised to wait for at least one second before
using Timer/Counter0 after power-up or wake-up from Power-down mode. The contents of
all Timer/Counter0 Registers must be considered lost after a wake-up from Power-down
mode due to unstable clock signal upon start-up, no matter whether the oscillator is in use
or a clock signal is applied to the XTAL1 pin.
• Description of wake up from Power-save mode when the timer is clocked asynchronously:
When the interrupt condition is met, the wake up process is started on the following cycle of
the timer clock, that is, the timer is always advanced by at least one before the processor
can read the counter value. After wake-up, the MCU is halted for four cycles, it executes
the interrupt routine, and resumes execution from the instruction following SLEEP.
• Reading of the TCNT0 Register shortly after wake-up from Power-save may give an
incorrect result. Since TCNT0 is clocked on the asynchronous clock, reading TCNT0 must
be done through a register synchronized to the internal I/O clock domain (CPU main clock).
Synchronization takes place for every rising XTAL1 edge. When waking up from
Power-save mode, and the I/O clock (clk
I/O) again becomes active, TCNT0 will read as the
previous value (before entering sleep) until the next rising XTAL1 edge. The phase of the
XTAL1 clock after waking up from Power-save mode is essentially unpredictable, as it
depends on the wake-up time. The recommended procedure for reading TCNT0 is thus as
follows:
a.
Write any value to either of the registers OCR0A or TCCR0A.
b.
Wait for the corresponding Update Busy Flag to be cleared.
c.
Read TCNT0.
• During asynchronous operation, the synchronization of the interrupt flags for the
asynchronous timer takes 3 processor cycles plus one timer cycle. The timer is therefore
advanced by at least one before the processor can read the timer value causing the setting
of the interrupt flag. The Output Compare pin is changed on the timer clock and is not
synchronized to the processor clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com